công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4214G bảng dữ liệu(PDF) 3 Page - Siemens Semiconductor Group

tên linh kiện TLE4214G
Giải thích chi tiết về linh kiện  Intelligent Double Low-Side Switch 2 x 0.5 A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4214G bảng dữ liệu(HTML) 3 Page - Siemens Semiconductor Group

  TLE4214G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4214G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE 4214 G
Semiconductor Group
296
Pin Definitions and Functions
Pin No.
Symbol
Function
6, 16
GND
Ground Design wiring for the max.
short-circuit current (2 x 1 A)
10
IN2
Control input 2 (TTL compatible) activates the output
transistor 2 in case of high potential
2
V
S
Supply voltage In case of overvoltage at this pin large
sections of the circuit are deactivated. The status
output indicates this malfunction without delay time.
7Q2
Output 2 Shorted load protected, open collector
output for currents up to 0.5 A, with clamping diodes to
supply voltage.
5Q1
Output 1 Shorted load protected, open collector
output for currents up to 0.5 A, with clamping diodes to
supply voltage.
9
ENA
Enable input, active high
1
IN1
Control input 1 (TTL-compatible) activates output
transistor 1 in case of high potential
15
STA
Status output (open collector) for both outputs;
indicates overtemperature, overload, open load and
shorted load to ground as well as overvoltage at pin 3.
It is switched to high after a defined delay time in case
of malfunction (except: overvoltage)
3, 4, 8, 11 … 14,
17…20
N. C.
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com