| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC667201MMG2 bảng dữ liệu(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC667201MMG2 bảng dữ liệu(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 120 page ![]() MPC5642A Microcontroller Data Sheet, Rev. 3.1 100 Freescale Semiconductor Electrical characteristics 3.17.7 eMIOS timing 3.17.8 DSPI timing DSPI channel frequency support for the MPC5642A MCU is shown in Table 45. Timing specifications are in Table 46. Table 44. eMIOS timing1 1 eMIOS timing specified at V DD = 1.14 V to 1.32 V, VDDEH = 4.75 V to 5.25 V, TA = TL to TH, and CL =50 pF with SRC = 0b00. # Symbol C Characteristic Value Unit Min Max 1tMIPW CC D eMIOS Input Pulse Width 4 — tCYC 2tMOPW CC D eMIOS Output Pulse Width 1 — tCYC Table 45. DSPI channel frequency support System clock (MHz) DSPI Use Mode Maximum usable frequency (MHz) Notes 150 LVDS 37.5 Use sysclock /4 divide ratio Non-LVDS 18.75 Use sysclock /8 divide ratio 120 LVDS 40 Use sysclock /3 divide ratio. Gives 33/66 duty cycle. Use DSPI configuration DBR = 0b1 (double baud rate), BR = 0b0000 (scaler value 2) and PBR = 0b01 (prescaler value 3). Non-LVDS 20 Use sysclock /6 divide ratio 80 LVDS 40 Use sysclock /2 divide ratio Non-LVDS 20 Use sysclock /4 divide ratio Table 46. DSPI timing1,2 # Symbol C Characteristic Condition Min. Max. Unit 1tSCK CC D SCK Cycle Time3,4,5 24.4 ns 2.9 ms — 2tCSC CC D PCS to SCK Delay6 227 —ns 3tASC CC D After SCK Delay8 219 —ns 4tSDC CC D SCK Duty Cycle ( ½tSC) 2(½tSC) + 2 ns 5tA CC D Slave Access Time (SS active to SOUT driven) —25 ns 6tDIS CC D Slave SOUT Disable Time (SS inactive to SOUT High-Z or invalid) —25 ns 7tPCSC CC D PCSx to PCSS time 410 —ns 8tPASC CC D PCSS to PCSx time 511 —ns |