công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5642A bảng dữ liệu(PDF) 47 Page - Freescale Semiconductor, Inc

tên linh kiện MPC5642A
Giải thích chi tiết về linh kiện  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A bảng dữ liệu(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 120 page
background image
VDDEH721
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH7
—
D12
B22, C21,
D15, D20,
E19, F19,
H19, J14
VDDEH7A21
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH7A
125
—
—
VDDEH7B21
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH7B
138
—
—
VSS
Ground
—
—
I
—
I / —
VSS
15, 29, 43,
57, 72, 90,
94, 96,
108, 115,
127, 133,
140
A1, A16,
B2, B15,
C3, C14,
D4, D13,
G7, G8,
G9, G10,
H7, H8,
H9, H10,
J7, J8, J9,
J10, K7,
K8, K9,
K10, M16,
N4, N13,
P3, P14,
R2, R15,
T1, T16
A1, A22,
B2, B21,
C3, C20,
D4, D17,
D19, F21,
H21, J9,
J10, J11,
J12, J13,
K9, K10,
K11, K12,
K13, K14,
L9, L10,
L11, L12,
L13, L14,
L21, M11,
M12, M13,
M14, N9,
N10, N12,
N13, N14,
N21, P9,
P10, P12,
P13, P14,
T19, T21,
T22, W4,
Y3, Y20,
AA21,
AB1, AB22
1 The suffix “_O” identifies an output-only eTPU channel
2 For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary
function or GPIO is done in the SIU except where explicitly noted. See the Signal details table for a description of each signal.
3 The P/A/G column indicates the position a signal occupies in the muxing order for a pin—Primary, Alternate 1, Alternate 2, Alternate 3, or GPIO. Signals are
selected by setting the PA field value in the appropriate PCR register in the SIU module. The PA field values are as follows: P - 0b0001, A1 - 0b0010, A2 -
0b0100, A3 - 0b1000, or G - 0b0000. Depending on the register, the PA field size can vary in length. For PA fields having fewer than four bits, remove the
appropriate number of leading zeroes from these values.
4 The Pad Configuration Register (PCR) PA field is used by software to select pin function.
5 Values in the PCR column refer to registers in the System Integration Unit (SIU). The actual register name is “SIU_PCR” suffixed by the PCR number. For
example, PCR[190] refers to the SIU register named SIU_PCR190.
6 The VDDE and VDDEH supply inputs are broken into segments. Each segment of slow I/O pins (VDDEH) may have a separate supply in the 3.3 V to 5.0 V
range (
10%/+5%). Each segment of fast I/O (VDDE) may have a separate supply in the 1.8 V to 3.3 V range (+/ 10%).
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com