công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSSOP-16 bảng dữ liệu(PDF) 21 Page - Diodes Incorporated

tên linh kiện TSSOP-16
Giải thích chi tiết về linh kiện  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TSSOP-16 bảng dữ liệu(HTML) 21 Page - Diodes Incorporated

Back Button TSSOP-16 Datasheet HTML 17Page - Diodes Incorporated TSSOP-16 Datasheet HTML 18Page - Diodes Incorporated TSSOP-16 Datasheet HTML 19Page - Diodes Incorporated TSSOP-16 Datasheet HTML 20Page - Diodes Incorporated TSSOP-16 Datasheet HTML 21Page - Diodes Incorporated TSSOP-16 Datasheet HTML 22Page - Diodes Incorporated TSSOP-16 Datasheet HTML 23Page - Diodes Incorporated TSSOP-16 Datasheet HTML 24Page - Diodes Incorporated TSSOP-16 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
21 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
TO252-4
Dimensions
Value (in mm)
c
1.27
c1
2.54
X
1.00
X1
5.73
Y
2.00
Y1
6.17
Y2
1.64
Y3
2.66
TO252-5
TO263-5
Dimensions
Value (in mm)
X
5.6
X1
0.6
Y
11.0
Y1
5.6
Y2
2.0
C1
7.2
C2
1.27
Dimensions
Value (in mm)
X
10.9
X1
1.05
Y
15.7
Y1
9.1
Y2
2.5
C
1.7
TSOT25
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
X1
Y1
Y2
Y3
Y
X (4x)
c
c1
Y2
Y
Y1
X
C2
C1
X1
Y2
Y
Y1
X
C
X1
Y1
C
C
X (5x)
Y (5x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27