công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TO263-5 bảng dữ liệu(PDF) 16 Page - Diodes Incorporated

tên linh kiện TO263-5
Giải thích chi tiết về linh kiện  SUGGESTED PAD LAYOUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TO263-5 bảng dữ liệu(HTML) 16 Page - Diodes Incorporated

Back Button TO263-5 Datasheet HTML 12Page - Diodes Incorporated TO263-5 Datasheet HTML 13Page - Diodes Incorporated TO263-5 Datasheet HTML 14Page - Diodes Incorporated TO263-5 Datasheet HTML 15Page - Diodes Incorporated TO263-5 Datasheet HTML 16Page - Diodes Incorporated TO263-5 Datasheet HTML 17Page - Diodes Incorporated TO263-5 Datasheet HTML 18Page - Diodes Incorporated TO263-5 Datasheet HTML 19Page - Diodes Incorporated TO263-5 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
16 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
QSOP-16
Dimensions
Value
(in mm)
C
0.635
X
0.350
X1
4.795
Y
1.450
Y1
6.400
QSOP-20
Dimensions
Value
(in mm)
C
0.635
X
0.350
X1
6.065
Y
1.450
Y1
6.400
SM-8
SO-8
Dimensions
Value (in mm)
C
1.52
C1
4.6
X
0.95
Y
2.80
Y1
6.80
Dimensions Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Y
X1
Y 16x
X 16x
C
1
1
Y 1
X 1
Y 2 0 x
C
X 2 0 x
Y1
Y (8x)
X (8x)
C
C1
X
C1
C2
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27