| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC74R bảng dữ liệu(PDF) 22 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
SC74R bảng dữ liệu(HTML) 22 Page - Diodes Incorporated |
|
22 / 27 page ![]() ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 22 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated TSOT26 Dimensions Value (in mm) C 0.950 X 0.700 Y 1.000 Y1 3.199 TSSOP-14 Dimensions Value (in mm) X 0.45 Y 1.45 C1 5.9 C2 0.65 TSSOP-16 Dimensions Value (in mm) C 0.650 X 0.350 X1 4.900 Y 1.400 Y1 6.800 Y1 C C X (6x) Y (6x) X C1 C2 Y X1 Y (16x) Y1 X (16x) 1 C |