| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SOT143 bảng dữ liệu(PDF) 25 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
SOT143 bảng dữ liệu(HTML) 25 Page - Diodes Incorporated |
|
25 / 27 page ![]() ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 25 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated U-QFN4040-20 Dimensions Value (in mm) C 0.500 X 0.350 X1 0.600 X2 2.500 X3 4.300 Y 0.600 Y1 0.350 Y2 2.500 Y3 4.300 X2-WLB0505-3 Dimensions Value (in mm) X 0.17 X1 0.50 Y 0.22 Y1 0.12 Y2 0.50 1 Y3 X3 Y1(10x) X1(10x) Y2 X2 X(10x) C Y(10x) X1 Y2 Y Y1 X X |