| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFN322 bảng dữ liệu(PDF) 23 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 bảng dữ liệu(HTML) 23 Page - Diodes Incorporated |
|
23 / 27 page ![]() ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 23 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated TSSOP-16EP Dimensions Value (in mm) C 0.650 X 0.450 X1 3.290 X2 5.000 Y 1.450 Y1 3.290 Y2 4.450 Y3 7.350 TSSOP-20 Dimensions Value (in mm) C 0.650 X 0.420 X1 6.270 Y 1.780 Y1 4.160 Y2 7.720 TSSOP-20EP Dimensions Value (in mm) C 0.650 X 0.420 X1 4.490 X2 6.270 Y 1.780 Y1 3.290 Y2 4.160 Y3 7.720 Y2 Y (16x) Y3 C Y1 X2 X1 X (16x) Y1 Y2 Y (20x) X (20x) C X1 Y1 X1 Y2 Y3 Y (20x) X (20x) C X2 |