| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC12864B-FNRYD bảng dữ liệu(PDF) 5 Page - P-tec Corporation |
|
|
|||||||||||||||||||||||||||||
PC12864B-FNRYD bảng dữ liệu(HTML) 5 Page - P-tec Corporation |
|
5 / 13 page ![]() PAGE 5 OF 13 4. Absolute Maximum Ratings Item Symbol Min Max Unit Input Voltage VI -0.3 VDD+0.3 V Supply Voltage For Logic VDD-VSS -0.3 7.0 V Supply Voltage For LCD VDD-V0 0 16 V Operating Temp. Top 0 50 °C Standard Temperature LCM Storage Temp. Tstr -10 60 °C Operating Temp. Top -20 70 °C Wide Temperature LCM Storage Temp. Tstr -30 80 °C 5. Electrical Characteristics Item Symbol Condition Min Typ Max Unit Supply Voltage For Logic VDD-VSS - 4.5 5.0 5.5 V Supply Voltage For LCD VDD-V0 Ta=25°C 12.0 12.5 13.2 V Input High Volt. VIH - 0.7 VDD - VDD V Input Low Volt. VIL - VSS - 0.3 VDD V Supply Current IDD VDD=5V 9.0 9.9 12.0 mA Supply Voltage of Yellow-green backlight VLED Forward current =630 mA Number of LED die 2x63= 126 3.8 4.2 4.3 V Supply Voltage of White backlight VLED Forward current =60 mA Number of LED die 4 2.8 3.1 3.3 V |