| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EBJ41HE4BDFD bảng dữ liệu(PDF) 16 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EBJ41HE4BDFD bảng dữ liệu(HTML) 16 Page - Elpida Memory |
|
16 / 19 page ![]() EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP Data Sheet E1580E30 (Ver. 3.0) 16 Par_In (input pin) Parity bit for the Address and Control bus. /Err_Out (output pin) Parity error found on the Address and Control bus. /Event (output pin) Temperature alert output. Detailed Operation Part, Electrical Characteristics and Timing Waveforms Refer to the EDJ1104BDSE, EDJ1108BDSEdatasheet (E1494E). DM pins of component device fixed to VSS level on the module board. DIMM /CAS latency = component CL + 1 for registered type. |