| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PX0410/02P/4550 bảng dữ liệu(PDF) 3 Page - Elektron Components Ltd. |
|
|
|||||||||||||||||||||||||||||
PX0410/02P/4550 bảng dữ liệu(HTML) 3 Page - Elektron Components Ltd. |
|
3 / 6 page ![]() www.elektron-bulgin.com 41 BUCCANEER FOR POWER 400 Series Buccaneer Maintains IP68 Rating of Unmated Connectors PX0480: Fits PX0412 (panel mounting) PX0480/1: Fits PX0401 & PX0411 (flex in-line) PX0481: Fits PX0400, PX0402 & PX0410 (flex connector) PX0484: Fits PX0413 (PCB and rear panel mount) PX0480 PX0480/1 PX0481 Part No Description PX0482 Pack of 4 pairs cable glands and collets to suit cables from 3.0 to 5.0mm diameter. PX0483 Pack of 4 pairs cable glands and collets to suit cables from 5.0 to 7.0mm diameter. SEALING CAPS AND ACCESSORIES GLAND PACKS PX0484 Mates with Flex Cable connectors PX0410, PX0400 & PX0402 Front Panel mounting Single hole fixing Contacts supplied separately 2, 3, 4, 6, 8, 10 or 12 pole PX0412/S PX0412/P FRONT PANEL MOUNTING CONNECTOR Mates with Flex Cable connector PX0410, PX0400 & PX0402 Rear Panel mounting Single hole fixing Contacts supplied separately 2, 3, 4, 6, 8, 10 or 12 pole PX0413/xxS PX0413/xxP REAR PANEL MOUNTING CONNECTOR Mates with Flex Cable connector PX0410, PX0400 & PX0402 PCB Rear Panel mounting Straight PC spills Supplied with pre-loaded gold plated contacts 2, 3, 4, 6, 8, 10 or 12 pole PX0413/xxS/PC PX0413/xxP/PC PCB MOUNTING CONNECTOR Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8 8/6/10 16:34 Page 41 |