công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ELM711 bảng dữ liệu(PDF) 6 Page - ELM Electronics

tên linh kiện ELM711
Giải thích chi tiết về linh kiện  Christmas LEDs Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ELM [ELM Electronics]
Trang chủ  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM711 bảng dữ liệu(HTML) 6 Page - ELM Electronics

  ELM711 Datasheet HTML 1Page - ELM Electronics ELM711 Datasheet HTML 2Page - ELM Electronics ELM711 Datasheet HTML 3Page - ELM Electronics ELM711 Datasheet HTML 4Page - ELM Electronics ELM711 Datasheet HTML 5Page - ELM Electronics ELM711 Datasheet HTML 6Page - ELM Electronics ELM711 Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Example Applications (continued)
6 of 7
ELM711
ELM711DSA
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
resistor (R) will have a voltage across it, and the total
current in the string will be determined by the voltage
across the resistor, and the value of that resistance.
Choosing a resistance value may require a little
experimentation, but to get you started:
If you plan to use N LEDs in the string, each with a
forward voltage drop of Vf, then choose Vp such that:
Vp
≥ (N+1) x Vf
Then, given the LED current (I), determine the
value of R from:
R = (Vp - NxVf) ÷ I
For example, if you wish to have 4 green LEDs in
a string, then you need to choose:
Vp
≥ (4+1) x 2.0
Vp
≥ 10.0 volts
Since 12V supplies are very common, we will use
that. Then, you need to choose R, which requires a
knowledge of the LED current. A good starting point is
to use 9 or 10 mA for red, yellow and green leds, and
a smaller current (4 or 5mA) for the blue and white
LEDs. As this calculation is for a green LED, we
choose I = 9 mA (or 0.009 A). R is then given by:
R = (12 - 4x2.0) ÷ 0.009
R = 444
While 444
Ω is not a standard value, you could
select either 430
Ω or 470Ω for the resistor and the
current would still be close to the desired 9mA.
Continue in a similar fashion for the other colours. You
may need to try a few resistor values for each colour in
order to make all the LEDs appear to be of the same
brightness, as your eye is more sensitive to some
wavelengths, and some LEDs are simply more
efficient than others.
In this way, all of the component values can be
chosen and a circuit such as the one in Figure 4 can
be designed. Note that Figure 4 does not show a
transistor driving the white LED, as the wires to it are
short, and the resistor helps to limit currents should
some be induced. If you are considering very long wire
runs, the White LED should also have a transistor
buffer added in the same way as the others.
Figure 4 also shows a supply bypass capacitor
connected across the ELM711 power supply pins. This
is to prevent problems due to the transients, or
‘spikes’, that are inherent in all digital circuit’s current
flow (due to the internal switching process). By adding
Figure 3. Driving LED Strings
a capacitor very close to the IC, much of the current
for these spikes can be supplied by the capacitor
rather than through the (inductive) leads of the supply.
The net result is that there will be less noise generated
at the supply by the ELM711. A value of 0.01µF works
well.
We will leave the wiring details to you, but to get
you started, we have found that the wires for a small (2
to 3 foot high) tree should be about 5 feet long. Space
the LEDs about 12 inches apart, beginning at the end,
and install them by cutting a 2 inch piece from one of
the two conductors in the wire. When you bring the two
ends of the cutout together to solder them to the LED,
the other conductor is forced to form a loop, which
allows it to hang from a tree branch.
Enjoy the light show!
4.7K
2N3904
Vp
R
N LEDs



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com