| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8530_V1 bảng dữ liệu(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8530_V1 bảng dữ liệu(HTML) 3 Page - ams AG |
|
3 / 32 page ![]() www.austriamicrosystems.com/Lin_CompanionIC/AS8530 Revision 1.1 3 - 32 AS8530 Datasheet - Contents 8.5 RX and TX Interface........................................................................................................................................................................... 20 8.6 MODE Input EN.................................................................................................................................................................................. 21 8.7 Serial Port Interface............................................................................................................................................................................ 23 8.7.1 Device Configuration using 2-Wire Serial Port .......................................................................................................................... 23 8.8 Control and Diagnosis Registers ........................................................................................................................................................ 26 8.8.1 Definition of Control and Status Registers................................................................................................................................. 26 9 Package Drawings and Markings ........................................................................................................................................... 28 10 Ordering Information............................................................................................................................................................. 31 |