công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RHAR bảng dữ liệu(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UCD3138RHAR
Giải thích chi tiết về linh kiện  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 23Page - Texas Instruments UCD3138RHAR Datasheet HTML 24Page - Texas Instruments UCD3138RHAR Datasheet HTML 25Page - Texas Instruments UCD3138RHAR Datasheet HTML 26Page - Texas Instruments UCD3138RHAR Datasheet HTML 27Page - Texas Instruments UCD3138RHAR Datasheet HTML 28Page - Texas Instruments UCD3138RHAR Datasheet HTML 29Page - Texas Instruments UCD3138RHAR Datasheet HTML 30Page - Texas Instruments UCD3138RHAR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
EAP0
EAN0
DAC0
EADC
4 bit dithering gives 14 bits of effective resolution
97.65625 µV/LSB effective resolution
X
6 bit ADC
8 mV/LSB
Signed 9 bit result
(error) 1 mV /LSB
AFE_GAIN
10 bit DAC
1.5625 mV/LSB
Value
Dither
S
CPCC
Filter x
Ramp
SAR/Prebias
Absolute Value
Calculation
Averaging
10 bit result
1.5625 mV/LSB
2
3-AFE_GAIN
Peak Current Mode
Comparator
Peak Current
Detected
A0
2
AFE_GAIN
UCD3138
www.ti.com
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
Figure 4-1. EADC Module
The EADC control logic receives the sample request from the DPWM module for initiating an EADC
conversion. EADC control circuitry captures the EADC-9-bit-code and strobes the digital compensator for
processing of the representative error.
4.4.1.2
DPWM Module
The DPWM module represents one complete PWM channel with 2 independent outputs, A and B. Multiple
DPWM modules within the UCD3138 system can be configured to support all key power topologies.
DPWM modules can be used as independent PWM outputs, each controlling one power supply output
voltage rail. It can also be used as a synchronized PWM—with user selectable phase shift between the
PWM channels to control power supply outputs with multiphase or interleaved PWM configurations.
The output of the compensator feeds the high resolution DPWM module. The DPWM module produces
the pulse width modulated outputs for the power stage switches. The compensator calculates the
necessary duty ratio as a 24-bit number in Q23 fixed point format (23 bit integer with 1 sign bit). This
represents a value within the range 0.0 to 1.0. This duty ratio value is multiplied by the period of the PWM
output to generate the on time of the corresponding PWM output. The resolution of the PWM ON time is
250 psec.
Each DPWM module can be synchronized to another module or to an external sync signal. An input
SYNC signal causes a PWM ramp timer to reset. The SYNC signal outputs—from each of the four DPWM
modules—occur when the ramp timer crosses a programmed threshold. In this way the phase of the PWM
outputs for multiple power stages can be tightly controlled.
The DPWM logic is probably the most complex of the Digital Fusion Peripherals. It takes the output of the
compensator and converts it into the correct PWM output for several power supply topologies. It provides
for programmable dead times and cycle adjustments for current balancing between phases. It controls the
triggering of the EADC. It can synchronize to other DPWMs or to external sources. It can provide
synchronization information to other DPWMs or to external recipients. In addition, it interfaces to several
fault handling circuits. Some of the control for these fault handling circuits is in the DPWM registers. Fault
handling is covered in the Fault Mux section.
Each DPWM module supports the following features:
•
Dedicated 14 bit time-base with period and frequency control
Copyright © 2012, Texas Instruments Incorporated
Functional Overview
27
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com