công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RGCT bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UCD3138RGCT
Giải thích chi tiết về linh kiện  Highly Integrated Digital Controller for Isolated Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments UCD3138RGCT Datasheet HTML 10Page - Texas Instruments UCD3138RGCT Datasheet HTML 11Page - Texas Instruments UCD3138RGCT Datasheet HTML 12Page - Texas Instruments UCD3138RGCT Datasheet HTML 13Page - Texas Instruments UCD3138RGCT Datasheet HTML 14Page - Texas Instruments UCD3138RGCT Datasheet HTML 15Page - Texas Instruments UCD3138RGCT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
UCD3138
SLUSAP2 A – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Table 2-1. Pin Functions (continued)
ALTERNATE ASSIGNMENT
CONFIGURABLE
PIN
NAME
PRIMARY ASSIGNMENT
AS A GPIO?
NO. 1
NO. 2
NO. 3
44
DGND
Digital ground
45
V33DIO
Digital I/O 3.3V core supply
46
BP18
1.8V Bypass
47
V33D
Digital 3.3V core supply
48
AGND
Substrate analog ground
49
AGND
Analog ground
50
EAP0
Channel #0, differential analog voltage, positive input
51
EAN0
Channel #0, differential analog voltage, negative input
52
EAP1
Channel #1, differential analog voltage, positive input
53
EAN1
Channel #1, differential analog voltage, negative input
54
EAP2
Channel #2, differential analog voltage, positive input
55
EAN2
Channel #2, differential analog voltage, negative input
56
AGND
Analog ground
57
V33A
Analog 3.3V supply
58
AD00
12-bit ADC, Ch 0, Connected to current source
59
AD01
12-bit ADC, Ch 1, Connected to current source
60
AD02
12-bit ADC, Ch 2, Connected to comparator A, I-share
61
AD05
12-bit ADC, Ch 5
62
AD08
12-bit ADC, Ch 8
63
AD09
12-bit ADC, Ch 9
64
AD11
12-bit ADC, Ch 11
12
Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com