| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL1431QLP bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL1431QLP bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 27 page ![]() MECHANICAL DATA MPSF001F – JANUARY 1996 – REVISED JANUARY 2002 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 KTP (R-PSFM-G2) PowerFLEX PLASTIC FLANGE-MOUNT PACKAGE 0.228 (5,79) 0.218 (5,54) 0.233 (5,91) 0.243 (6,17) 0.001 (0,02) 0.005 (0,13) 0.070 (1,78) Seating Plane 0.080 (2,03) 0.010 (0,25) NOM Gage Plane 0.010 (0,25) 4073388/M 01/02 0.037 (0,94) 0.047 (1,19) 0.247 (6,27) 0.237 (6,02) NOM 0.215 (5,46) 0.371 (9,42) 0.381 (9,68) 0.090 (2,29) 0.100 (2,54) 0.287 (7,29) 0.031 (0,79) 0.032 (0,81) MAX 0.277 (7,03) 0.025 (0,63) 0.130 (3,30) NOM 0.090 (2,29) 0.180 (4,57) M 0.010 (0,25) 0.004 (0,10) 2 °–6° 0.040 (1,02) 0.050 (1,27) Thermal Tab (See Note C) 0.010 (0,25) NOM NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. The center lead is in electrical contact with the thermal tab. D. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15). E. Falls within JEDEC TO-252 variation AC. PowerFLEX is a trademark of Texas Instruments. |