| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSL2109T bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL2109T bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 19 page ![]() SSL2109T All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 26 April 2012 6 of 19 NXP Semiconductors SSL2109T GreenChip controller for LED lighting 8.5 Valley detection A new cycle is started when the primary switch is switched on (see Figure 4). In the following sections on represents the conductive state and off the non-conductive state. Following time t1, when the peak current is detected on the SOURCE pin, the switch is turned off and the secondary stroke starts at t2. When the secondary stroke is completed with the coil current at t3 equaling zero, the drain voltage starts to oscillate at approximately VIN VOUT level. The peak to peak amplitude equals 2 × VOUT. A special feature, called valley detection is an integrated part of the SSL2109T circuitry. Dedicated built-in circuitry connected to the DRAIN pin, senses when the voltage on the drain of the switch has reached its lowest value. The next cycle is then started at t00 and as a result the capacitive switching losses are reduced. A valley is detected and accepted if both the frequency of the oscillations and the voltage swing are within the range specified (fring and ∆Vvrec(min)) for detection. ∆Vvrec(min) is the voltage differential between the HV (pin) in and the DRAIN pin. If a valid valley is not detected, the secondary stroke is continued until the maximum off-time (toff(high)) is reached, then the next cycle is started. Fig 4. Buck waveforms and valley detection aaa-001744 demagnetization VIN valley VGATE VDRAIN 0 0 IL VOUT magnetization 3 2 t1 t0 t00 t2 t3 T 4 1 |