| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A108T1CWCQ0Q bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
A108T1CWCQ0Q bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
|
6 / 13 page ![]() C27 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Vertical, Wire Lug, Long Bat Actuator A101SYZQ DPDT SPDT .500 (12.7) .265 (6.70) .080 (2.05) TYP. KEYWAY 1.12 (28.40) REF. .350 (8.90) .358 (9.09) .410 (10.41) 25 ° .118 (3.00) DIA. 1/4-40 NS EPOXY SEAL .030 (0.76) TYP. .185 (4.70) TYP. .155 (3.94) TYP. A201SYZQ Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 5-1437554-0 A101SYZQ SPDT 1 On None On 7-1437554-7 A103SYZQ SPDT 5 On Off On 9-1437554-6 A105SYZQ SPDT 5 (On) Off (On) 1437555-9 A107SYZQ SPDT 5 On Off (On) 2-1437555-0 A108SYZQ SPDT 1 On None (On) Gold Contacts 4-1437554-9 A101SYZB SPDT 1 On None On 7-1437554-6 A103SYZB SPDT 5 On Off On 9-1437554-5 A105SYZB SPDT 5 (On) Off (On) A107SYZB SPDT 5 On Off (On) Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 4-1437555-9 A201SYZQ DPDT 2 On None On 6-1437555-2 A203SYZQ DPDT 6 On Off On 7-1437555-0 A205SYZQ DPDT 6 (On) Off (On) 7-1437555-6 A207SYZQ DPDT 6 On Off (On) 8-1437555-5 A208SYZQ DPDT 2 On None (On) 1437556-1 A211SYZQ SP3T 11 On On On 1437556-4 A213SYZQ SP3T 11 On On (On) 1437556-7 A215SYZQ SP3T 11 (On) On (On) .500 (12.70) .040 (1.02) .028 (0.71) .350 (8.90) .358 (9.09) .410 (10.41) 1.12 REF. .450 (11.43) 25 ° 1/4-40 THREAD .030 (0.76) TYP. .185 (4.70) .155 (3.94) .060 (1.52) .050 (1.27) .040 (1.02) .190 (4.83) KEYWAY * Refer to Pages C22-C26 for Additional Options * SEE PAGE C22 FOR PRODUCT SPECIFICATIONS |