| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A103P4CWCQ0Q bảng dữ liệu(PDF) 8 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
A103P4CWCQ0Q bảng dữ liệu(HTML) 8 Page - Tyco Electronics |
|
8 / 13 page ![]() C29 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Wire Wrap or Wire Lug, Long Bat Actuators Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 4-1437554-8 A101SYWQ SPDT 1 On None On 7-1437554-5 A103SYWQ SPDT 5 On Off On 4-1437555-7 A201SYWQ DPDT 2 On None On A203SYWQ DPDT 6 On Off On Tyco Alcoswitch Type Act. Code P.M5 Electronics Silver Contacts 4-1437554-0 A101SDZQ SPDT 1 On None On 6-1437554-9 A103SDZQ SPDT 5 On Off On 4-1437555-1 A201SDZQ DPDT 2 On None On 5-1437555-9 A203SDZQ DPDT 6 On Off On SPDT/DPDT SEE PAGE C22 FOR PRODUCT SPECIFICATIONS A101SYWQ A201SYWQ A201SDZQ SPDT/DPDT A101SDZQ .500 (12.70) .265 (6.70) .080 (2.05) TYP. KEYWAY 1.12 (28.44) REF. .350 (8.90) .358 (9.09) .410 (10.41) 25 ° .118 (3.00) DIA. 1/4-40 NS EPOXY SEAL .030 (0.76) TYP. .185 (4.70) TYP. .750 (19.05) 1.12 (28.44) REF. .350 (8.90) .358 (9.09) .410 (10.41) 25 ° .118 (3.00) DIA. 1/4-40 NS EPOXY SEAL .030 (0.76) TYP. .185 (4.70) TYP. .750 (19.05) .500 (12.70) .453 (11.50) KEYWAY .080 (2.03) TYP. .040 (1.02) .190 (4.83) .265 (6.70) .500 (12.70) KEYWAY .480 (12.19) .280 (7.10) .358 (9.09) 1.271 (32.29) REF. .118 (3.00) DIA. 1/4-40 NS .030 (0.80) TYP. .080 (2.03) TYP. .185 (4.70) TYP. .155 (3.94) TYP. EPOXY SEAL 25 .500 (12.70) .453 (11.50) KEYWAY .480 (12.19) .280 (7.10) .358 (9.09) 1.271 (32.29) REF. .118 (3.00) DIA. 1/4-40 NS .030 (0.76) TYP. .185 (4.70) TYP. .155 (3.94) TYP. EPOXY SEAL 25 .080 (2.03) TYP. .040 (1.00) .190 (4.80) * Refer to Pages C22-C26 for Additional Options * |