| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A113K1CWCQ0Q bảng dữ liệu(PDF) 7 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
A113K1CWCQ0Q bảng dữ liệu(HTML) 7 Page - Tyco Electronics |
|
7 / 13 page ![]() C28 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, PC Terminals, Long Bat Actuators SPDT/DPDT A101SYAB Horizontal Actuation SPDT/DPDT A101SYCB A201SYCB SEE PAGE C22 FOR PRODUCT SPECIFICATIONS .048 (1.22) .200 (5.08) .030 (0.76) .205 (5.21) KEYWAY .410 (10.41) .500 (12.71) .050 (1.27) .118 (3.00) .185 (4.70) 2 3 1 .185 (4.70) TYP. .200 (5.08) .073 (1.85) DIA. TYP. .500 (12.7) .048 (1.22) TYP. .200 (5.08) .453 (11.50) .126 (3.20) .500 (12.70) KEYWAY .358 (9.10) .500 (12.70) .050 (1.27) TYP. 1.13 (28.7) REF. EPOXY SEAL .118 (3.00) DIA. .410 (10.41) .150 (3.81) .185 (4.70) 2 3 1 5 64 .185 (4.70) TYP. .200 (5.08) .073 (1.85) DIA. TYP. .500 (12.7) .150 (3.80) .040 (1.02) .016 (0.40) 1/4-40 NS .031 (0.80) TYP. Tyco Alcoswitch Type Act. Code P.M5 Electronics Gold Contacts 4-1437554-3 A101SYAB SPDT 1 On None On A103SYAB SPDT 5 On Off On 4-1437555-3 A201SYAB DPDT 2 On None On A208SYAB DPDT 2 On None (On) Tyco Alcoswitch Type Act. Code P.M5 Electronics Gold Contacts 4-1437554-5 A101SYCB SPDT 1 On None On 7-1437554-2 A103SYCB SPDT 5 On Off On 1-1437555-8 A108SYCB SPDT 1 On None (On) 4-1437555-5 A201SYCB DPDT 2 On None On 6-1437555-0 A203SYCB DPDT 6 On Off On 8-1437555-3 A208SYCB DPDT 2 On None (On) .500 (12.70) .265 (6.70) .080 (2.05) TYP. KEYWAY 1.36 (34.50) REF. .358 (9.09) .410 (10.41) 25 ° .118 (3.00) DIA. 1/4-40 NS EPOXY SEAL .030 (0.76) TYP. .185 (4.70) TYP. .248 (6.30) TYP. .185 (4.70) TYP. .073 (1.85) DIA. TYP. .500 (12.70) .453 (11.50) KEYWAY 1.36 (34.50) REF. .358 (9.09) .410 (10.41) 25 ° .118 (3.00) DIA. 1/4-40 NS EPOXY SEAL .030 (0.76) TYP. .185 (4.70) TYP. .248 (6.30) TYP. .185 (4.70) TYP. .190 (4.83) .073 (1.85) DIA. TYP. .050 (1.27) TYP. .040 (1.00) .190 (4.80) 36 25 14 * Refer to Pages C22-C26 for Additional Options * |