công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HBF2C4M bảng dữ liệu(PDF) 2 Page - Dialight Corporation

tên linh kiện HBF2C4M
Giải thích chi tiết về linh kiện  SafeSite짰 Series LED High Bay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALIGHT [Dialight Corporation]
Trang chủ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBF2C4M bảng dữ liệu(HTML) 2 Page - Dialight Corporation

  HBF2C4M Datasheet HTML 1Page - Dialight Corporation HBF2C4M Datasheet HTML 2Page - Dialight Corporation HBF2C4M Datasheet HTML 3Page - Dialight Corporation HBF2C4M Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SafeSite
® Series LED High Bay Fixture
Mechanical Information
Fixture Weight:
HBC - 30 lbs (13.6kg)
HBD - 17 lbs (7.7kg)
HBM - 30 lbs (13.6kg)
HBP - 32 lbs (14.5kg)
Shipping Weight:
HBC - 35 lbs (16kg)
HBD - 22 lbs (10kg)
HBM - 35 lbs (16kg)
HBP - 37 lbs (17kg)
Mounting:
(1) 3/4” NPT
(2) 5/16”-18 x .75” UNC
Cabling:
10' (3.5m) SOOW Power Cord
Electrical specifications
Voltage:
Universal inputs
100-277V AC, 50/60Hz
347-480V AC 50/60Hz
Total System
Power Consumption:
See table
Noise Requirements/
EMC:
FCC Title 47, Subpart B, Section 15, class A
device. RF Immunity; 10V/m, 80MHz-1GHz
Transient Protection:
1 kV line to line
2 kV line to ground
THD:
<15% (277VAC)
Power Factor:
> 0.9
Construction
Housing:
Powder coated aluminum
Finish:
Polyester / epoxy powder coat gray RAL
7040 for superior corrosion resistance
Lens:
Polycarbonate - UL1598A wet location
Tempered glass
Photometric Information
CRI:
>70
CCT:
6,000K (cool white)
4,300K (neutral white)
All values typical unless otherwise stated
All Lumen values are typical (tolerance +/- 10%)
Certifications & Ratings
• Certified to UL 844
• Certified to UL 1598/A
• Certified to C22.2 No.137-M81
• Group B for Hydrogen
• NEMA 4X
• IP66
• IDA Dark Sky
Test Reports
• LM79 Certified
• LM80
Features & Benefits
• L70 rated for 100,000 hours @ 25°c
• 5 year full performance warranty
• Up to 102lm/W
• Low T rating compared to traditional fixtures
• Instant on/off operation
• Universal input (100-277 VAC), 50/60Hz
• Superior color rendition index compared to HPS, LPS, MV
• Mercury free
• Resistant to shock and vibration
• Temperature compensation technology for longer life
• Copper free aluminum
• Factory sealed
Application
The first of its kind, the Dialight SafeSite
® Series LED High Bay luminaire
was designed specifically to replace conventional high bay lighting
fixtures in hazardous location applications. It’s low profile light weight design
allows for increased mounting versatility and ease of installation.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
Patent Pending
www.dialight.com
Dimensions in Inches [mm]
16.25
[412,8]
5/16” -18 x .75”
THREADED HOLE (2)
10’ [3,05m]
POWER CORD
16.00
[406,40]
3/4” NPT THREADED
3.9
[98]
1.9
[49]
Temperature Ratings
Ambient Temperature Range
T4a Temperature Code
Ambient Temperature Range
T5 Temperature Code
HBC
-40F to +149F (-40C to +65C) -40F to +131F (-40C to +55C)
HBM
HBP
-40F to +149F (-40C to +65C)
HBD
-40F to +140F (-40C to +60C)
-40F to +104F (-40C to +40C)
HBF
Meets Buy American
For projects requiring Buy American certification,
consult factory for additional information and details
2



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com