công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX8795A bảng dữ liệu(PDF) 11 Page - Maxim Integrated Products

tên linh kiện MAX8795A
Giải thích chi tiết về linh kiện  TFT-LCD DC-DC Converter with Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A bảng dữ liệu(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8795A Datasheet HTML 7Page - Maxim Integrated Products MAX8795A Datasheet HTML 8Page - Maxim Integrated Products MAX8795A Datasheet HTML 9Page - Maxim Integrated Products MAX8795A Datasheet HTML 10Page - Maxim Integrated Products MAX8795A Datasheet HTML 11Page - Maxim Integrated Products MAX8795A Datasheet HTML 12Page - Maxim Integrated Products MAX8795A Datasheet HTML 13Page - Maxim Integrated Products MAX8795A Datasheet HTML 14Page - Maxim Integrated Products MAX8795A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
______________________________________________________________________________________
11
10
µs/div
STEP-UP REGULATOR PULSED
LOAD-TRANSIENT RESPONSE
13.9V
50mA
C
MAX8795A toc05
B
0A
A
A: LOAD CURRENT, 1A/div
B: VMAIN, 200mV/div, AC-COUPLED
C: INDUCTOR CURRENT, 1A/div
TIMER-DELAYED OVERLOAD PROTECTION
MAX8795A toc06
40ms/div
A: VMAIN, 2V/div
B: INDUCTOR CURRENT, 1A/div
A
B
0A
0U
REF VOLTAGE LOAD REGULATION
LOAD CURRENT (
µA)
40
30
20
10
1.2475
1.2480
1.2485
1.2490
1.2495
1.2500
1.2470
050
GATE-ON REGULATOR LINE REGULATION
INPUT VOLTAGE (V)
29
28
27
26
-0.6
-0.4
-0.2
0
-0.8
25
30
IPOS = 20mA
GATE-ON REGULATOR LOAD REGULATION
LOAD CURRENT (mA)
15
10
5
-0.3
-0.1
-0.5
020
IBOOST = 200mA
A
0V
B
0V
C
0A
STEP-UP REGULATOR SOFT-START
(HEAVY LOAD)
MAX8795A toc04
2ms/div
A: VIN, 5V/div
B: VMAIN, 5V/div
C: INDUCTOR CURRENT, 1A/div
STEP-UP EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
100
10
75
80
85
90
70
1
1000
VIN = 5V
VMAIN = 13.9V
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1.1
1.2
1.3
1.4
1.0
2.5
5.5
STEP-UP SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
3
9
6
12
15
18
0
2.5
6.0
NO LOAD, SUP DISCONNECTED,
R1 = 221k
Ω, R2 = 21.5kΩ
CURRENT INTO INDUCTOR
CURRENT INTO IN PIN
Typical Operating Characteristics
(Circuit of Figure 1, VIN = 5V, VMAIN = 14V, VGON = 25V, VGOFF = -10V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com