| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM8606CFP bảng dữ liệu(PDF) 1 Page - Davicom Semiconductor, Inc. |
|
|
|||||||||||||||||||||||||||||
DM8606CFP bảng dữ liệu(HTML) 1 Page - Davicom Semiconductor, Inc. |
|
1 / 2 page ![]() DM8606C/DM8606CI Product Brief 6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface Dec. 2011 Rev.1.1 The DM8606C/DM8606CI is a industrial-temperature (DM8606CI only) fully integrated and cost-effective fast Ethernet switch controller with five 10/100MB PHY, Six 10/100Mb MAC, and one MII/RevMII/RMII for 6th MAC The controller provides basic Layer-2 switch functions and advance IEEE 802.1Q VLAN, priority queuing scheme, IGMP snooping protocol. Spanning Tree protocol, The integrated 5 ports PHY are compliant with IEEE 802.3u standards. The MII/RMII/Reverse MII interface provides the flexibility to connect Ethernet 10/100M PHY devices. Block Diagram Specifications • IEEE 802.3 10BASE-T/ IEEE 802.3u 100BASE-TX compatible • Ethernet Switch Ports • Five 10/100Mb PHY or Five 100Mb Fiber PHY • Port 4 support MII/RMII/RevMII or PHY MII interface • Port 5 support MII/RMII/RevMII • Per port supports HP Auto-MDIX |
Số phần tương tự - DM8606CFP |
|
Mô tả tương tự - DM8606CFP |