| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSM2518CPZ bảng dữ liệu(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2518CPZ bảng dữ liệu(HTML) 33 Page - Analog Devices |
|
33 / 48 page ![]() Data Sheet SSM2518 Rev. A | Page 33 of 48 VOLUME AND MUTE CONTROL REGISTER Address: 0x07, Reset: 0x81, Name: Volume_Mute_Control Table 20. Bit Descriptions for Volume_Mute_Control Bits Bit Name Settings Description Reset Access 7 AMUTE Automatic Mute Enable. After 2048 slots (1024 stereo samples) have been received with zero data, the outputs mute until nonzero data arrives. 0x1 RW 0 Automute enabled 1 Automute disabled 6 RESERVED Reserved. 0x0 RW 5 ANA_GAIN Analog Gain. This sets the full-scale output level of the amplifier. The two settings are scaled appropriately for 3.6 V and 5.0 V nominal supply voltages. 0x0 RW 0 Matched to 3.6 V supply 1 Matched to 5.0 V supply 4 DEEMP_EN Digital De-Emphasis Filter. 0x0 RW 0 De-emphasis disabled (normal operation) 1 De-emphasis enabled 3 VOL_LINK Volume Link. When this bit is enabled, both channels respond to the left channel volume register. 0x0 RW 0 Normal operation 1 Both channels linked to L_VOL (Register 0x05) 2 R_MUTE Right Channel Soft Mute. 0x0 RW 0 Normal operation 1 Right channel muted 1 L_MUTE Left Channel Soft Mute. 0x0 RW 0 Normal operation 1 Left channel muted 0 M_MUTE Master Mute Control. This bit soft mutes both channels. 0x1 RW 0 Normal operation 1 Master mute |