công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIS16480/PCBZ bảng dữ liệu(PDF) 36 Page - Analog Devices

tên linh kiện ADIS16480/PCBZ
Giải thích chi tiết về linh kiện  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIS16480/PCBZ bảng dữ liệu(HTML) 36 Page - Analog Devices

Back Button ADIS16480/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 36 of 40
SYSTEM CONTROLS
The ADIS16480 provides a number of system level controls
for managing its operation, which include reset, self-test,
calibration, memory management, and I/O configuration.
GLOBAL COMMANDS
The GLOB_CMD register (see Table 146) provides trigger bits for
several operations. Write 1 to the appropriate bit in GLOB_CMD to
start a function. After the function completes, the bit restores to 0.
Table 146. GLOB_CMD (Page 3, Base Address = 0x02)
Bits
Description
Execution Time
15
EKF reset
1.7 seconds
[14:10]
Not used
Not applicable
9
Reset the reference rotation
matrix
1 sample period
8
Tare command
1 sample period
7
Software reset
82 ms
6
Factory calibration restore
1 sample period
[5:4]
Not used
Not applicable
3
Flash memory update
1100 ms
2
Flash memory test
53 ms
1
Self-test
12 ms
0
Not used
N/A
Software Reset
Turn to Page 3 (DIN = 0x8003) and then set GLOB_CMD[7] = 1
(DIN = 0x8280, DIN = 0x8300) to reset the operation, which
removes all data, initializes all registers from their flash settings,
and starts data collection. This function provides a firmware
alternative to the RST line (see Table 5, Pin 8).
Automatic Self-Test
Turn to Page 3 (DIN = 0x8003) and then set GLOB_CMD[1] = 1
(DIN = 0x8202, then DIN = 0x8300) to run an automatic self-
test routine, which executes the following steps:
1. Measure output on each sensor.
2. Activate self-test on each sensor.
3. Measure output on each sensor.
4. Deactivate the self-test on each sensor.
5. Calculate the difference with self-test on and off.
6. Compare the difference with internal pass/fail criteria.
7. Report the pass/fail results for each sensor in DIAG_STS.
After waiting 12 ms for this test to complete, turn to Page 0
(DIN = 0x8000) and read DIAG_STS using DIN = 0x0A00.
Note that using an external clock can extend this time. When
using an external clock of 100 Hz, this time extends to 35 ms.
Note that 100 Hz is too slow for optimal sensor performance.
MEMORY MANAGEMENT
The data retention of the flash memory depends on the tempera-
ture and the number of write cycles. Figure 26 characterizes the
dependence on temperature, and the FLSHCNT_LOW and
FLSHCNT_HIGH registers (see Table 147 and Table 148)
provide a running count of flash write cycles. The flash updates
every time GLOB_CMD[6] or GLOB_CMD[3] is set to 1.
Table 147. FLSHCNT_LOW (Page 2, Base Address = 0x7C)
Bits
Description
[15:0]
Binary counter; number of flash updates, lower word
Table 148. FLSHCNT_HIGH (Page 2, Base Address = 0x7E)
Bits
Description
[15:0]
Binary counter; number of flash updates, upper word
600
450
300
150
0
30
40
JUNCTION TEMPERATURE (°C)
55
70
85
100
125
135
150
Figure 26. Flash Memory Retention
Flash Memory Test
Turn to Page 3 (DIN = 0x8003), and then set GLOB_CMD[2] = 1
(DIN = 0x8204, DIN = 0x8300) to run a checksum test of the
internal flash memory, which compares a factory programmed
value with the current sum of the same memory locations. The
result of this test loads into SYS_E_FLAG[6]. Turn to Page 0
(DIN = 0x8000) and use DIN = 0x0800 to read SYS_E_FLAG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40