công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADR02 bảng dữ liệu(PDF) 34 Page - Analog Devices

tên linh kiện ADR02
Giải thích chi tiết về linh kiện  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADR02 bảng dữ liệu(HTML) 34 Page - Analog Devices

Back Button ADR02 Datasheet HTML 30Page - Analog Devices ADR02 Datasheet HTML 31Page - Analog Devices ADR02 Datasheet HTML 32Page - Analog Devices ADR02 Datasheet HTML 33Page - Analog Devices ADR02 Datasheet HTML 34Page - Analog Devices ADR02 Datasheet HTML 35Page - Analog Devices ADR02 Datasheet HTML 36Page - Analog Devices ADR02 Datasheet HTML 37Page - Analog Devices ADR02 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
AD5737
Data Sheet
Rev. B | Page 34 of 44
HART CONNECTIVITY
The AD5737 has four CHART pins, one corresponding to each
output channel. A HART signal can be coupled into these pins.
The HART signal appears on the corresponding current output,
if the output is enabled. Table 33 shows the recommended input
voltages for the HART signal at the CHART pin. If these voltages
are used, the current output should meet the HART amplitude
specifications.
Table 33. CHART Input Voltage to HART Output Current
RSET
CHART Input Voltage
Current Output (HART)
Internal RSET
150 mV p-p
1 mA p-p
External RSET
170 mV p-p
1 mA p-p
Figure 54 shows the recommended circuit for attenuating and
coupling the HART signal. A minimum capacitance of C1 + C2
is required to ensure that the 1.2 kHz and 2.2 kHz HART
frequencies are not significantly attenuated at the output. The
recommended values are C1 = 22 nF and C2 = 47 nF.
HART MODEM
OUTPUT
C1
C2
CHARTx
Figure 54. Coupling the HART Signal
Digitally controlling the slew rate of the output is necessary to
meet the analog rate of change requirements for HART.
DIGITAL SLEW RATE CONTROL
The digital slew rate control feature of the AD5737 allows the
user to control the rate at which the output value changes. With
the slew rate control feature disabled, the output value changes
at a rate limited by the output drive circuitry and the attached
load. To reduce the slew rate, the user can enable the digital slew
rate control feature using the SREN bit of the slew rate control
register (see Table 28).
When slew rate control is enabled, the output, instead of slewing
directly between two values, steps digitally at a rate defined by
the SR_CLOCK and SR_STEP parameters. These parameters
are accessible via the slew rate control register (see Table 28).
•
SR_CLOCK defines the rate at which the digital slew is
updated; for example, if the selected update rate is 8 kHz,
the output is updated every 125 µs.
•
SR_STEP defines by how much the output value changes
at each update.
Together, these parameters define the rate of change of the
output value. Table 34 and Table 35 list the range of values for
the SR_CLOCK and SR_STEP parameters, respectively.
Table 34. Slew Rate Update Clock Options
SR_CLOCK
Update Clock Frequency1
0000
64 kHz
0001
32 kHz
0010
16 kHz
0011
8 kHz
0100
4 kHz
0101
2 kHz
0110
1 kHz
0111
500 Hz
1000
250 Hz
1001
125 Hz
1010
64 Hz
1011
32 Hz
1100
16 Hz
1101
8 Hz
1110
4 Hz
1111
0.5 Hz
1
These clock frequencies are divided down from the 13 MHz internal
oscillator (see Table 1, Figure 45, and Figure 46).
Table 35. Slew Rate Step Size Options
SR_STEP
Step Size (LSB)
000
1
001
2
010
4
011
16
100
32
101
64
110
128
111
256
The following equation describes the slew rate as a function of
the step size, the update clock frequency, and the LSB size.
Size
LSB
Frequency
Clock
Update
Size
Step
Change
Output
Rate
Slew
×
×
=
where:
Slew Rate is expressed in seconds.
Output Change is expressed in amperes.
The update clock frequency for any given value is the same for
all output ranges. The step size, however, varies across output
ranges for a given value of step size because the LSB size is
different for each output range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com