| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXDI614SI bảng dữ liệu(PDF) 11 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
IXDI614SI bảng dữ liệu(HTML) 11 Page - Clare, Inc. |
|
11 / 14 page ![]() IXD_614 R02 www.clare.com 11 5 Manufacturing Information 5.1 Moisture Sensitivity All plastic encapsulated semiconductor packages are susceptible to moisture ingression. Clare classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033. 5.2 ESD Sensitivity This product is ESD Sensitive, and should be handled according to the industry standard JESD-625. 5.3 Reflow Profile This product has a maximum body temperature and time rating as shown below. All other guidelines of J-STD-020 must be observed. Device Moisture Sensitivity Level (MSL) Rating IXD_614SI / IXD_614PI /IXD_614CI / IXD_614YI MSL 1 Device Maximum Temperature x Time IXD_614CI / IXD_614YI 245°C for 30 seconds IXD_614PI 250°C for 30 seconds IXD_614SI 260°C for 30 seconds RoHS 2002/95/EC e3 Pb |