| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT6402G-AE3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT6402G-AE3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT6402 Power MOSFET www.unisonic.com.tw 1 of 6 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-152.C N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT6402 is N-Channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities, operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL Gate Source Drain SOT-23 1 2 3 SOT-26 1 2 3 4 5 6 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Plating Halogen-Free Package 1 2 3 4 5 6 Packing UT6402L-AE3-R UT6402G-AE3-R SOT-23 S G D - - - Tape Reel UT6402L-AG6-R UT6402G-AG6-R SOT-26 D D G S D D Tape Reel MARKING |
Số phần tương tự - UT6402G-AE3-R |
|
Mô tả tương tự - UT6402G-AE3-R |