| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT3413G-AE3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3413G-AE3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3413 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-159.E P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT3413 is P-channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing UT3413L-AE2-R UT3413G-AE2-R SOT-23-3 S G D Tape Reel UT3413L-AE3-R UT3413G-AE3-R SOT-23 S G D Tape Reel MARKING 34P L: Lead Free G: Halogen Free |
Số phần tương tự - UT3413G-AE3-R |
|
Mô tả tương tự - UT3413G-AE3-R |