công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLC1008IST5X bảng dữ liệu(PDF) 5 Page - Cadeka Microcircuits LLC.

tên linh kiện CLC1008IST5X
Giải thích chi tiết về linh kiện  0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CADEKA [Cadeka Microcircuits LLC.]
Trang chủ  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1008IST5X bảng dữ liệu(HTML) 5 Page - Cadeka Microcircuits LLC.

  CLC1008IST5X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1008IST5X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
©2009-2011 CADEKA Microcircuits LLC
www.cadeka.com
5
Electrical Characteristics at +5V
TA = 25°C, Vs = +5V, Rf = Rg =1kΩ, RL = 1kΩ to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain -3dB Bandwidth
G = +1, VOUT = 0.05Vpp , Rf = 0
75
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT < 0.2Vpp
35
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
15
MHz
GBWP
Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
33
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 0.2V step; (10% to 90%)
6
ns
tS
Settling Time to 0.1%
VOUT = 1V step
60
ns
OS
Overshoot
VOUT = 1V step
12
%
SR
Slew Rate
2V step, G = -1
50
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
VOUT = 2Vpp, 1MHz
-64
dBc
HD3
3rd Harmonic Distortion
VOUT = 2Vpp, 1MHz
-62
dBc
THD
Total Harmonic Distortion
VOUT = 2Vpp, 1MHz
60
dB
en
Input Voltage Noise
> 10kHz
12
nV/√Hz
DC Performance
VIO
Input Offset Voltage (1)
-5
-1
5
mV
dVIO
Average Drift
10
µV/°C
Ib
Input Bias Current (1)
-3.5
1.2
3.5
μA
dIb
Average Drift
3.5
nA/°C
IOS
Input Offset Current (1)
30
350
nA
PSRR
Power Supply Rejection Ratio (1)
DC
60
66
dB
AOL
Open-Loop Gain
VOUT = VS / 2
65
80
dB
IS
Supply Current (1)
per channel
505
620
μA
Disable Characteristics
TON
Turn On Time
0.33
μs
TOFF
Turn Off Time
5.5
μs
OFFISO
Off Isolation
5MHz, RL = 100Ω
58
dB
ISD
Disable Supply Current (1)
per channel, DIS tied to GND
33
μA
Input Characteristics
RIN
Input Resistance
Non-inverting
9
MΩ
CIN
Input Capacitance
1.5
pF
CMIR
Common Mode Input Range
-0.3 to
3.8
V
CMRR
Common Mode Rejection Ratio (1)
DC, VCM = 0V to VS - 1.5
65
74
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 1kΩ to VS / 2 (1)
0.2 to
4.65
0.13 to
4.73
V
RL = 10kΩ to VS / 2
0.08 to
4.84
V
IOUT
Output Current
±15
mA
ISC
Short Circuit Output Current
±30
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com