| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SB340L-Z21D-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SB340L-Z21D-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD SB340 Preliminary DIODE www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R601-043.a SCHOTTKY RECTIFIER DESCRIPTION The UTC SB340 is a Schottky Rectifier with high current capacity and low forward voltage. The UTC SB340 is suitable for polarity protection, low voltage and high frequency inverters free wheeling applications FEATURES * High Current Capability * Low Forward Voltage DO-201AD ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Packing SB340L-Z21D-R SB340G-Z21D-R DO-201AD K A Tape Reel Note: Pin Assignment: A: Anode, K: Cathode SB340L-Z21D-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) Z21D: DO-201AD (3) Halogen Free, L: Lead Free (3)Lead Free |
Số phần tương tự - SB340L-Z21D-R |
|
Mô tả tương tự - SB340L-Z21D-R |