| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PUMX1G-AL6-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PUMX1G-AL6-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD PUMX1 DUAL TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2008 Unisonic Technologies Co., Ltd QW-R218-002.B NPN GENERAL PURPOSE DUAL TRANSISTOR DESCRIPTION Two independently operating NPN transistors. FEATURES * Low current (max.100mA) * Low voltage (max.40V) * Reduces number of components and board space. * Complement to PUMT1. APPLICATIONS * General purpose switching and amplification. SYMBOL Lead-free: PUMX1L Halogen-free: PUMX1G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen-Free Package 1 2 3 4 5 6 Packing PUMX1-AL6-R PUMX1L-AL6-R PUMX1G-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MARKING |
Số phần tương tự - PUMX1G-AL6-R |
|
Mô tả tương tự - PUMX1G-AL6-R |