| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCR100-6-X-AE3-R bảng dữ liệu(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MCR100-6-X-AE3-R bảng dữ liệu(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() UNISONIC TECHNOLOGIES CO., LTD MCR100 SCR www.unisonic.com.tw 3 of 6 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R301-016.C ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT MCR100-4 200 V MCR100-6 400 V Peak Repetitive Off-State Voltage(Note 1) (TJ=-40 ~ 110°С, Sine Wave, 50 ~ 60Hz; Gate Open) MCR100-8 VDRM,VRRM 600 V On-Sate RMS Current (Tc=80°С) 180°С Condition Angles IT(RMS) 0.8 A Peak Non-Repetitive Surge Current (1/2 cycle, Sine Wave, 60Hz, TJ=25°С) ITSM 10 A Circuit Fusing Considerations (t=8.3 ms) I 2t 0.415 A 2s Forward Peak Gate Power (TA=25°С, Pulse Width ≤1.0µs) PGM 0.1 W Forward Average Gate Power (TA=25°С, t=8.3ms) PG(AV) 0.1 W Peak Gate Current – Forward (TA=25°С, Pulse Width≤1.0μs) IGM 1 A Peak Gate Voltage – Reverse (TA=25°С, Pulse Width≤1.0μs) VGRM 5 V Operating Junction Temperature Range (Rated VRRM and VDRM) TJ -40 ~ +110 °С Storage Temperature Range TSTG -40 ~ +150 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL MAX UNIT TO-92 200 °С/W Junction to Ambient SOT-23/SOT-89 θJA 400 °С/W ELECTRICAL CHARACTERISTICS (TJ=25°С, unless otherwise stated) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS TC=25°С 10 μA Peak Forward or Reverse Blocking Current TC=125°С IDRM, IRRM VD=Rated VDRM and VRRM; RGK=1kΩ 100 μA ON CHARACTERISTICS Peak Forward On-State Voltage (Note 2) VTM ITM=1A Peak @ TA=25°С 1.7 V Gate Trigger Current (Continuous DC)(Note3) IGT VAK=7Vdc, RL=100Ω, TC=25°С 40 200 μA TC=25°С 0.5 5 mA Holding Current (Note 4) TC=-40°С IH VAK=7Vdc, initiating current=20mA 10 mA TC=25°С 0.6 10 mA Latch Current TC=-40°С IL VAK=7V, Ig=200μA 15 mA TC=25°С 0.62 0.8 V Gate Trigger Voltage (continuous dc) (Note 3) TC=-40°С VGT VAK=7Vdc, RL=100Ω 1.2 V DYNAMIC CHARACTERISTICS Critical Rate of Rise of Off-State Voltage dV/dt VD=Rated VDRM, Exponential Waveform, RGK=1000Ω, TJ=110°С 20 35 V/ μs Critical Rate of Rise of On-State Current di/dt IPK=20A; Pw=10μsec; diG/dt=1A/ μsec, Igt=20mA 50 A/ μs Notes: 1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. 2. Indicates Pulse Test Width ≤1.0ms, duty cycle ≤1% 3. RGK=1000Ω included in measurement. 4. Does not include RGK in measurement |