| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LR1120G-30-AL5-A-R bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1120G-30-AL5-A-R bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() LR1120 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R502-331.g MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING SOT-25 18 :1.8V 25 :2.5V 28 :2.8V 30: 3.0V 31 :3.1V 33 :3.3V 40 :4.0V 3 2 1 SXXH□□ 5 4 Voltage Code G: Halogen Free L: Lead Free Pin Code PIN DESCRIPTION PIN CODE PIN NAME DESCRIPTION A B C 1 1 1 VIN Supply voltage input. 2 2 2 GND Ground. 3 3 3 EN Input logic pin, active high for enabling the chip. When this pin goes to a logic low, the chip will be shutdown. 4 - - SS Soft start pin. 5 4 5 VOUT Regulator output voltage pin. - 5 4 NC No Connection BLOCK DIAGRAM POR OTP Current Limit MOS Driver SS EN R VREF VIN VOUT GND + - |