| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP3103 bảng dữ liệu(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AP3103 bảng dữ liệu(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 14 page ![]() VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER AP3103 Preliminary Datasheet 2 Feb. 2010 Rev. 1. 0 BCD Semiconductor Manufacturing Limited Pin Configuration Pin Number Pin Name Function SOT-23-6 DIP-8 1 8 GND Signal ground. Current return for driver and control circuits 2 7 FB (COMP) Feedback. Directly connected to the opto-coupler 3 5 RI Set the bias current to determine the normal switching frequency 4 4 SENSE Current Sense 5 2 VCC Supply voltage of driver and control circuits 6 1 GATE Gate driver output 3, 6 NC No connection. These pins are not internally connected Pin Description (SOT-23-6) GATE GND K Package Figure 2. Pin Configuration of AP3103 (Top View) (DIP-8) P Package 1 2 3 4 8 7 6 5 GATE FB GND RI NC VCC NC SENSE 1 2 34 5 Pin 1 Dot by Marking 6 FB RI VCC SENSE |