| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX14821 bảng dữ liệu(PDF) 22 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX14821 bảng dữ liệu(HTML) 22 Page - Maxim Integrated Products |
|
22 / 29 page ![]() ���������������������������������������������������������������� Maxim Integrated Products 22 MAX14821 IO-Link Device Transceiver Table 5. C/Q Driver Output State Table 4. C/QDEn and TXEN C/Q Driver Control X = Don’t care. Note: TXC and TXQ = VL. X = Don’t care. Figure 8. Equivalent C/Q Logic C/QDEn TXEN C/Q DRIVER 0 Low Disabled X High Enabled 1 X Enabled TXC AND TXQ (SEE NOTE) Q C/Q�PP C/Q�N/P C/Q CONFIGURATION C/Q STATE High 1 0 0 PNP, open drain On, C/Q is high High 0 0 0 PNP, open drain Off, C/Q is high impedance High 1 0 1 NPN, open drain Off, C/Q is high impedance High 0 0 1 NPN, open drain On, C/Q is low High 1 1 X Push-pull High High 0 1 X Push-pull Low TXQ C/Q TXC Q |