công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX7370 bảng dữ liệu(PDF) 29 Page - Maxim Integrated Products

tên linh kiện MAX7370
Giải thích chi tiết về linh kiện  8 x 8 Key-Switch Controller and LED Driver/GPIOs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 bảng dữ liệu(HTML) 29 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 25Page - Maxim Integrated Products MAX7370 Datasheet HTML 26Page - Maxim Integrated Products MAX7370 Datasheet HTML 27Page - Maxim Integrated Products MAX7370 Datasheet HTML 28Page - Maxim Integrated Products MAX7370 Datasheet HTML 29Page - Maxim Integrated Products MAX7370 Datasheet HTML 30Page - Maxim Integrated Products MAX7370 Datasheet HTML 31Page - Maxim Integrated Products MAX7370 Datasheet HTML 32Page - Maxim Integrated Products MAX7370 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
���������������������������������������������������������������� Maxim Integrated Products 29
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Table 23. GPIO Level-Shifter Enable Register (0x3C)
REGISTER BIT
DESCRIPTION
VALUE
FUNCTION
DEFAULT VALUE
D7
COL7
0
Level shifting disabled
0
1
Level shift between COL7 and ROW7 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D6
COL6
0
Level shifting disabled
0
Level shift between COL6 and ROW6 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D5
COL5
0
Level shifting disabled
0
1
Level shift between COL5 and ROW5 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D4
COL4
0
Level shifting disabled
0
1
Level shift between COL4 and ROW4 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D3
COL3
0
Level shifting disabled
0
1
Level shift between COL3 and ROW3 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D2
COL2
0
Level shifting disabled
0
1
Level shift between COL2 and ROW2 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D1
COL1
0
Level shifting disabled
0
1
Level shift between COL1 and ROW1 enabled;
direction controlled by GPIO direction 2 register
(0x35)
D0
COL0
0
Level shifting disabled
0
1
Level shift between COL0 and ROW0 enabled;
direction controlled by GPIO direction 2 register
(0x35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com