| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLRC663 bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC663 bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 132 page ![]() CLRC663 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.3 — 3 April 2012 171133 36 of 132 NXP Semiconductors CLRC663 Contactless reader IC The bit HiAlert is set to logic 1 if maximum water level bytes (as set in register WaterLevel) or less can be stored in the FIFO-buffer. It is generated according to the following equation: (2) The bit LoAlert is set to logic 1 if water level bytes (as set in register WaterLevel) or less are actually stored in the FIFO-buffer. It is generated according to the following equation: (3) HiAlert FiFoSize FiFoLength – WaterLevel = LoAlert FIFOLength WaterLevel = |