| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXTP110N055T2 bảng dữ liệu(PDF) 6 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTP110N055T2 bảng dữ liệu(HTML) 6 Page - IXYS Corporation |
|
6 / 11 page ![]() DC to DC Synchronous Converter Design Abdus Sattar, IXYS Corporation IXAN0068 6 We can write as: 2 1 td td BD P P P + = (12) Where Ptd1 is the body diode loss during dead time td1 and Ptd2 is the body diode loss during dead time td2. S rr rr in S L O f rr cd td f t I V f td I I V P P P • • • • + • • ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ Δ − • = + = 2 1 1 2 1 1 1 (13) () S L O f rr cd td f td I I V P P P • • ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ Δ + • = = = 2 2 0 2 2 2 (14) PWM Gate Driver Power loss: [1] The power dissipation in the driver is defined by, S DD onl G DRIVER f V Q P • • = ) ( (15) where Qg(onl) is the total gate charge of the MOSFET and VDD is the driver power supply. The gate “point of voltage” is, fs O TH SP g I V V + = (16) The driver current is, Gate UP PULL DRIVER SP DD H L DRIVER R R V V I + − = − − ) ( ) ( (17) Gate DOWN PULL DRIVER SP DD L H DRIVER R R V V I + − = − − ) ( ) ( (18) The rise time is, ) ( ) ( ) ( H L DRIVER on G on t I Q t − = (19) The fall time is, ) ( ) ( ) ( L H DRIVER on G off t I Q t − = (20) If an external Schottky diode (D1) is used across Q2, the Schottky’s capacitance needs to be charged during Q1 turn-on. The power loss to charge the Schottky’s capacitance is, 2 2 ) ( S IN SCHOTTKY SCHOTTKY C f V C P • • = (21) |