| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC3975-5.0BMM bảng dữ liệu(PDF) 4 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC3975-5.0BMM bảng dữ liệu(HTML) 4 Page - Micrel Semiconductor |
|
4 / 12 page ![]() MIC3975 Micrel MIC3975 4 February 2005 Symbol Parameter Condition Min Typ Max Units Adjustable Output Only Reference Voltage 1.228 1.240 1.252 V 1.215 1.265 V Note 10 1.203 1.277 V Adjust Pin Bias Current 40 80 nA 120 nA Reference Voltage Note 11 20 ppm/°C Temp. Coefficient Adjust Pin Bias Current 0.1 nA/°C Temp. Coefficient Note 1. Exceeding the absolute maximum ratings may damage the device. Note 2. The device is not guaranteed to function outside its operating rating. Note 3. Devices are ESD sensitive. Handling precautions recommended. Note 4. PD(max) = (TJ(max) – TA) ÷ θJA, where θJA depends upon the printed circuit layout. See “Applications Information.” Note 5. Output voltage temperature coefficient is ΔVOUT(worst case) ÷ (TJ(max) – TJ(min)) where TJ(max) is +125°C and TJ(min) is –40°C. Note 6. VDO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage is 2.25V. Note 7. IGND is the quiescent current. IIN = IGND + IOUT. Note 8. VEN ≤ 0.8V, VIN ≤ 8V, and VOUT = 0V. Note 9. For a 2.5V device, VIN = 2.250V (device is in dropout). Note 10. VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 750mA, TJ = TMAX. Note 11. Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a 200mA load pulse at VIN = 16V for t = 10ms. Note 12. Specification for packaged product only. |