| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCDF124D1MH000 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
PCDF124D1MH000 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() 425 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 Reference Data Wiring Diagrams Outline Dimensions Coil Temperature Rise Operate Time Life Expectancy PC Board Layouts (Bottom View) 12 10 8 6 4 2 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Coil Power (W) Release Time Operate Time -40 -20 Ambient Temp. ( °C) 20 0 20 40 60 80 100 40 60 80 100 120 140 160 0 180 120 140 Operating Votage Range Pick-Up Voltage Cool Coil Hot Coil Applied Maximum Allowable Coil Voltage 15A 10A 10A 15A 100 Contact Current (A) 10 1 24VDC Resistive 125VAC Resistive 0 2 46 8 10 12 14 16 18 20 .402 ± .02 (10.2 ± .5) .059 (1.5) .905 ± .02 (23.0 ± .5) .018 (.45) .071 (1.8) .118 ± .008 (3.0 ± .2) .047 (1.2) .012 (.3) .700 ± .008 (17.78 ± .2) .40 ± .008 (10.16 ± .2) .138 ± .012 (3.5 ± .3) .024 ± .004 (.6 ± .1) .634 ± .02 (16.1 ± .5) .500 ± .008 (12.7 ± .2) .402 ± .008 (10.2 ± .2) .248 (6.3) .905 ± .008 (23.0 ± .2) .018 (.45) .075 (1.9) .197 ± .008 (5.0 ± .2) .047 (1.2) .012 (.3) .700 ± .008 (17.78 ± .2) .197 ± .008 (5.0 ± .2) .138 ± .012 (3.5 ± .3) .98 ± .008 (25.0 ± .2) .047 (1.2) .02 (.5) .02 (.5) .56 ± .008 (14.25 ± .2) .533 ± .012 (13.55 ± .3) .807 ± .012 (20.5 ± .3) .634 ± .008 (16.1 ± .2) .187 (4.75) .25 (6.35) .153 (3.89) .126 (3.2) .051 DIA (1.3) 2 — .039 DIA (1.0) .400 (10.16) .059 (1.5) .118 (3.0) .079 (2.0) .700 (17.78) .236 (.6) .500 (12.7) .063 DIA (1.6) .075 (1.9) .197 (5.0) .039 (1.0) .700 (17.78) .061 (1.55) .118 (3.0) .56 (14.25) .153 (3.89) 2 — .039 DIA (1.0) PCD PCDF PCD PCDF PCD PCDF Note: This data is based on the max. allowable temperature for E type insulation coil (115 °C). (Top View) (Bottom View) (Bottom View) Ordering Information Typical Part Number B PCD -1 24 D 1 M H ,000 1. Basic Series: PCD = PC Board Terminals. PCDF = Quick Connect Terminals. 2. Termination: 1 = 1 pole 3. Coil Voltage: 05 = 5VDC 09 = 9VDC 24 = 24VDC 06 = 6VDC 12 = 12VDC 48 = 48VDC 4. Coil Input: D = Standard 5. Contact Material: 1 = AgSnO 6. Contact Arrangement: M = 1 Form A, SPST-NO 7. Enclosure: Blank = Vented (Flux-tight)* plastic cover H = Sealed plastic case 8. Suffix: ,000 = PCD standard model ,S000 = PCDF standard model Other Suffix = Custom model * Not suitable for immersion cleaning processes. None at present. Our authorized distributors are more likely to maintain the following items in stock for immediate delivery. |