| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OSASH212DM3000 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
OSASH212DM3000 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() 471 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 Reference Data Wiring Diagram (Bottom View) Outline Dimensions Coil Temperature Rise Operate Time Life Expectancy PC Board Layout (Bottom View) Ordering Information Typical Part Number B OSA -SS -2 24 D M 3 ,000 1. Basic Series: OSA = Miniature Power PC board relay. 2. Enclosure: SS = Vent (Flux-tight)* plastic cover. SH = Sealed, plastic case. 3. Termination: 2 = 2 pole 4. Coil Voltage: 05 = 5VDC 09 = 9VDC 24 = 24VDC 06 = 6VDC 12 = 12VDC 48 = 48VDC 5. Coil Input: D = Standard 6. Contact Arrangement: M = 2 Form A, DPST-NO 7. Contact Rating: 3 = 3A @ 120VAC resistive (DM3). 5 = 5A @ 240VAC resistive (DM5). 8. Suffix: ,000 = Standard model Other Suffix = Custom model * Not suitable for immersion cleaning processes. 12 10 8 6 4 2 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.1 0.2 0.3 0.4 0.5 0.6 0.7 Coil Power (W) Coil Power (W) 60 50 40 30 20 10 Release Time Operate Time 100 Contact Current (A) 10 1 01 2 3 4 5 DM3 Type, 120VAC, 24VDC Resistive DM5 Type, 240VAC, 30VDC Resistive .976 ± .02 (24.8 ± .5) .96 ± .02 (24.4 ± .5) .018 (.45) .197 ± .008 (5.0 ± .2) .012 (.3) .59 ± .008 (15.0 ± .2) .295 ± .008 (7.5 ± .2) .157 ± .02 (4.0 ± .5) .508 ± .02 (12.9 ± .5) .02 (.5) .077 ± .008 (1.95 ± .2) .096 ± .008 (2.45 ± .2) .106 ± .008 (2.7 ± .2) .106 ± .008 (2.7 ± .2) .039 ± .004 (1.0 ± .1) .039 ± .004 (1.0 ± .1) 2 – .039 DIA (1.0) .197 ± .004 (5.0 ± .1) .59 ± .004 (15.0 ± .1) .295 ± .004 (7.5 ± .1) 4 – .047 DIA (1.2) None at present. Our authorized distributors are more likely to maintain the following items in stock for immediate delivery. |