công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC29152WD bảng dữ liệu(PDF) 17 Page - Micrel Semiconductor

tên linh kiện MIC29152WD
Giải thích chi tiết về linh kiện  High-Current Low-Dropout Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29152WD bảng dữ liệu(HTML) 17 Page - Micrel Semiconductor

Back Button MIC29152WD Datasheet HTML 13Page - Micrel Semiconductor MIC29152WD Datasheet HTML 14Page - Micrel Semiconductor MIC29152WD Datasheet HTML 15Page - Micrel Semiconductor MIC29152WD Datasheet HTML 16Page - Micrel Semiconductor MIC29152WD Datasheet HTML 17Page - Micrel Semiconductor MIC29152WD Datasheet HTML 18Page - Micrel Semiconductor MIC29152WD Datasheet HTML 19Page - Micrel Semiconductor MIC29152WD Datasheet HTML 20Page - Micrel Semiconductor MIC29152WD Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
January 2012
17
M9999-013112-B
Application Information
The
MIC29150/29300/29500/29750
are
high
performance low-dropout voltage regulators suitable for
all
moderate
to
high-current
voltage
regulator
applications. Their 350mV to 425mV typical dropout
voltage at full load make them especially valuable in
battery powered systems and as high efficiency noise
filters in “post-regulator” applications. Unlike older NPN-
pass transistor designs, where the minimum dropout
voltage is limited by the base-emitter voltage drop and
collector-emitter saturation voltage, dropout performance
of the PNP output of these devices is limited merely by
the low VCE saturation voltage.
A trade-off for the low-dropout voltage is a varying base
driver requirement. But Micrel’s Super ßeta PNP
®
process reduces this drive requirement to merely 1% of
the load current.
The MIC29150/29300/29500/29750 family of regulators
are fully protected from damage due to fault conditions.
Current limiting is provided. This limiting is linear; output
current under overload conditions is constant. Thermal
shutdown disables the device when the die temperature
exceeds
the
125°C
maximum
safe
operating
temperature. Line transient protection allows device (and
load) survival even when the input voltage spikes
between –20V and +60V. When the input voltage
exceeds approximately 32V, the over voltage sensor
disables the regulator. The output structure of these
regulators allows voltages in excess of the desired
output voltage to be applied without reverse current flow.
MIC29xx1 and MIC29xx2 versions offer a logic level
ON/OFF control: when disabled, the devices draw nearly
zero current.
An additional feature of this regulator family is a common
pinout: a design’s current requirement may change up or
down yet use the same board layout, as all of these
regulators have identical pinouts.
MIC29XXX
OUT
VOUT
IN
GND
VIN
Figure 3. Linear regulators require only two capacitors for
operation.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires the following
application-specific parameters:
• Maximum ambient temperature, TA
• Output Current, IOUT
• Output Voltage, VOUT
• Input Voltage, VIN
First, we calculate the power dissipation of the regulator
from these numbers and the device parameters from this
datasheet.
(
)
OUT
IN
OUT
D
V
V
1.01
I
P
−
=
Where the ground current is approximated by 1% of IOUT.
Then the heat sink thermal resistance is determined with
this formula:
()
CS
JC
D
A
JMAX
SA
P
T
T
θ
+
θ
−
−
=
θ
Where TJMAX ≤ 125°C and θCS is between 0 and 2°C/W.
The heat sink may be significantly reduced in
applications where the minimum input voltage is known
and is large compared with the dropout voltage. Use a
series input resistor to drop excessive voltage and
distribute the heat between this resistor and the
regulator. The low-dropout properties of Micrel Super
ßeta PNP
® regulators allow very significant reductions in
regulator power dissipation and the associated heat sink
without compromising performance. When this technique
is employed, a capacitor of at least 0.1µF is needed
directly between the input and regulator ground.
Please refer to Application Note 9 and Application Hint
17 for further details and examples on thermal design
and heat sink specification.
With no heat sink in the application, calculate the
junction temperature to determine the maximum power
dissipation that will be allowed before exceeding the
maximum junction temperature of the MIC29152. The
maximum power allowed can be calculated using the
thermal resistance (θJA) of the D-Pak adhering to the
following criteria for the PCB design: 2 oz. copper and
100mm
2 copper area for the MIC29152.
For example, given an expected maximum ambient
temperature (TA) of 75°C with VIN = 3.3V, VOUT = 2.5V,
and IOUT = 1.5A, first calculate the expected PD using
Equation (1);
PD=(3.3V–2.5V)1.5A–(3.3V)(0.016A)=1.1472W
Next, calcualte the junction temperature for the expected
power dissipation.
TJ=(θJA×PD)+TA=(56°C/W×1.1472W)+75°C=139.24°C
Now determine the maximum power dissipation allowed
that would not exceed the IC’s maximum junction
temperature (125
°C) without the useof a heat sink by
PD(MAX)=(TJ(MAX)–TA)/θJA=(125°C–75°C)/(56°C/W) =0.893W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com