| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GDZ2.4 bảng dữ liệu(PDF) 2 Page - WILLAS ELECTRONIC CORP |
|
|
|||||||||||||||||||||||||||||
GDZ2.4 bảng dữ liệu(HTML) 2 Page - WILLAS ELECTRONIC CORP |
|
2 / 4 page ![]() r e b m u N tr a P S S A L C VZ @IZT Z I (m ) A R V ) V ( ) A u ( R I X A M t z I ) A m ( ZZT(Ω) X A M IZK (m ) A ZZK(Ω) X A M g n i k r a M e d o c V . n i M V . x a M 0 . 2 Z D G A 8 8 . 1 0 1 . 2 0 2 5 . 0 0 2 1 0 2 0 4 1 1 0 0 0 2 0 A 2 B 2 0 . 2 0 2 . 2 0 B 2 2 . 2 Z D G A 2 1 . 2 0 3 . 2 0 2 7 . 0 0 2 1 0 2 0 2 1 1 0 0 0 2 2 A 2 B 2 2 . 2 1 4 . 2 2 B 2 4 . 2 Z D G A 3 3 . 2 2 5 . 2 0 2 0 . 1 0 2 1 0 2 0 0 1 1 0 0 0 2 4 A 2 B 3 4 . 2 3 6 . 2 4 B 2 7 . 2 Z D G A 4 5 . 2 5 7 . 2 0 2 0 . 1 0 2 1 0 2 0 0 1 1 0 0 0 1 7 A 2 B 9 6 . 2 1 9 . 2 7 B 2 0 . 3 Z D G A 5 8 . 2 7 0 . 3 0 2 0 . 1 0 5 0 2 0 8 1 0 0 0 1 0 A 3 B 1 0 . 3 2 2 . 3 0 B 3 3 . 3 Z D G A 6 1 . 3 8 3 . 3 0 2 0 . 1 0 2 0 2 0 7 1 0 0 0 1 3 A 3 B 2 3 . 3 3 5 . 3 3 B 3 6 . 3 Z D G A 5 5 4 . 3 5 9 6 . 3 0 2 0 . 1 0 1 0 2 0 6 1 0 0 0 1 6 A 3 B 0 6 . 3 5 4 8 . 3 6 B 3 9 . 3 Z D G A 4 7 . 3 1 0 . 4 0 2 0 . 1 5 0 2 0 5 1 0 0 0 1 9 A 3 B 9 8 . 3 6 1 . 4 9 B 3 3 . 4 Z D G A 4 0 . 4 9 2 . 4 0 2 0 . 1 5 0 2 0 4 1 0 0 0 1 3 A 4 B 7 1 . 4 3 4 . 4 3 B 4 C 0 3 . 4 7 5 . 4 3 C 4 7 . 4 Z D G A 4 4 . 4 8 6 . 4 0 2 0 . 1 5 0 2 5 2 1 0 0 9 7 A 4 B 5 5 . 4 0 8 . 4 7 B 4 C 8 6 . 4 3 9 . 4 7 C 4 1 . 5 Z D G A 1 8 . 4 7 0 . 5 0 2 5 . 1 5 0 2 0 2 1 0 0 8 1 A 5 B 4 9 . 4 0 2 . 5 1 B 5 C 9 0 . 5 7 3 . 5 1 C 5 6 . 5 Z D G A 8 2 . 5 5 5 . 5 0 2 5 . 2 5 0 2 3 1 1 0 0 5 6 A 5 B 5 4 . 5 3 7 . 5 6 B 5 C 1 6 . 5 1 9 . 5 6 C 5 2 . 6 Z D G A 8 7 . 5 9 0 . 6 0 2 0 . 3 5 0 2 0 1 1 0 0 3 2 A 6 B 6 9 . 5 7 2 . 6 2 B 6 C 2 1 . 6 4 4 . 6 2 C 6 8 . 6 Z D G A 9 2 . 6 3 6 . 6 0 2 5 . 3 2 0 2 8 5 . 0 0 5 1 8 A 6 B 9 4 . 6 3 8 . 6 8 B 6 C 6 6 . 6 1 0 . 7 8 C 6 5 . 7 Z D G A 5 8 . 6 2 2 . 7 0 2 0 . 4 5 . 0 0 2 8 5 . 0 0 2 1 5 A 7 B 7 0 . 7 5 4 . 7 5 B 7 C 9 2 . 7 7 6 . 7 5 C 7 2 . 8 Z D G A 3 5 . 7 2 9 . 7 0 2 0 . 5 5 . 0 0 2 8 5 . 0 0 2 1 2 A 8 B 8 7 . 7 9 1 . 8 2 B 8 C 3 0 . 8 5 4 . 8 2 C 8 1 . 9 Z D G A 9 2 . 8 3 7 . 8 0 2 0 . 6 5 . 0 0 2 8 5 . 0 0 2 1 1 A 9 B 7 5 . 8 1 0 . 9 1 B 9 C 3 8 . 8 0 3 . 9 1 C 9 0 1 Z D G A 2 1 . 9 9 5 . 9 0 2 0 . 7 2 . 0 0 2 8 5 . 0 0 2 1 A 0 1 B 1 4 . 9 0 9 . 9 B 0 1 C 0 7 . 9 0 2 . 0 1 C 0 1 D 4 9 . 9 4 4 . 0 1 D 1 1 1 1 Z D G A 8 1 . 0 1 1 7 . 0 1 0 1 0 . 8 2 . 0 0 1 0 1 5 . 0 0 2 1 A 1 1 B 0 5 . 0 1 5 0 . 1 1 B 1 1 C 2 8 . 0 1 8 3 . 1 1 C 1 1 WILLAS 2009.10 WILLAS ELECTRONIC CORP. |