công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MICRF002 bảng dữ liệu(PDF) 3 Page - Micrel Semiconductor

tên linh kiện MICRF002
Giải thích chi tiết về linh kiện  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 bảng dữ liệu(HTML) 3 Page - Micrel Semiconductor

  MICRF002_08 Datasheet HTML 1Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 2Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 3Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 4Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 5Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 6Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 7Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 8Page - Micrel Semiconductor MICRF002_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
3
M9999-070808
Pin Description
Pin Number
SOIC-16
Pin Number
SOIC-8
Pin Name
Pin Name
1
–
SEL0
Bandwidth Selection Bit 0 (Digital Input): Used in conjunction with SEL1 to set
the desired demodulator filter bandwidth. See Table 1. Internally pulled-up to
VDDRF.
2, 3
1
VSSRF
RF Power Supply: Ground return to the RF section power supply.
4
2
ANT
Antenna (Analog Input): For optimal performance the ANT pin should be
impedance matched to the antenna. See “Applications Information” for
information on input impedance and matching techniques.
5
3
VDDRF
RF Power Supply: Positive supply input for the RF section of the IC.
6
–
VDDBB
Base-Band Power Supply: Positive supply input for the baseband section
(digital section) of the IC.
7
4
CTH
Data Slicing Threshold Capacitor (Analog I/O): Capacitor connected to this
pin extracts the dc average value from the demodulated waveform which
becomes the reference for the internal data slicing comparator.
8
–
NC
Not internally connected
9
–
VSSBB
Base-Band Power Supply: Ground return to the baseband section power
supply.
10
5
DO
Data Output (Digital Output)
11
6
SHUT
Shutdown (Digital Input): Shutdown-mode logic-level control input. Pull low to
enable the receiver. Internally pulled-up to VDDRF.
12
–
WAKEB
Wakeup (Digital Output): Active-low output that indicates detection of an
incoming RF signal.
13
7
CAGC
Automatic Gain Control (Analog I/O): Connect an external capacitor to set the
attack/decay rate of the on-chip automatic gain control.
14
–
SEL1
Bandwidth Selection Bit 1 (Digital Input): Used in conjunction with SEL0 to set
the desired demodulator filter bandwidth. See Table 1. Internally pulled-up to
VDDRF.
15
8
REFOSC
Reference Oscillator: Timing reference, sets the RF receive frequency.
16
–
SWEN
Sweep-Mode Enable (Digital Input): Sweep- or Fixed-mode operation control
input. SWEN high= sweep mode; SWEN low = conventional superheterodyne
receiver. Internally pulled-up to VDDRF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17