| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SY100S366JC bảng dữ liệu(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY100S366JC bảng dữ liệu(HTML) 2 Page - Micrel Semiconductor |
|
2 / 6 page ![]() 2 SY100S366 Micrel, Inc. M9999-042307 hbwhelp@micrel.com or (408) 955-1690 PACKAGE/ORDERING INFORMATION 28-Pin PLCC (J28-1) Ordering Information Package Operating Package Lead Part Number Type Range Marking Finish SY100S366JC J28-1 Commercial SY100S366JC Sn-Pb SY100S366JCTR(1) J28-1 Commercial SY100S366JC Sn-Pb SY100S366JZ(2) J28-1 Commercial SY100S366JZ with Matte-Sn Pb-Free bar-line indicator SY100S366JZTR(1, 2) J28-1 Commercial SY100S366JZ with Matte-Sn Pb-Free bar-line indicator Notes: 1. Tape and Reel. 2. Pb-Free package is recommended for new designs. A0 A > B VCCA VCC A = B VCC A7 VEE B8 A8 B7 VEES 4 3 2 1 28 27 12 13 14 15 16 17 19 11 20 10 21 9 22 8 23 7 24 6 Top View PLCC J28-1 B > A B6 26 18 25 5 |