công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6411FNFP bảng dữ liệu(PDF) 79 Page - Renesas Technology Corp

tên linh kiện R5F6411FNFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FNFP bảng dữ liệu(HTML) 79 Page - Renesas Technology Corp

Back Button R5F6411FNFP Datasheet HTML 75Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 76Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 77Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 78Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 79Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 80Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 81Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 82Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 79 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =5V
Switching Characteristics (VCC1 =VCC2 =4.2 to 5.5V, VSS =0V, and Ta =Topr, unless otherwise noted)
Note:
1.
The value is calculated using the formulas below based on the base clock cycles (tc(Base)) and
respective cycles of Tsu(A-R), Tw(R), Tsu(A-W), and Tw(W) set by registers EBC0 to EBC3. If the
calculation results in a negative value, modify the value to be set. For details on how to set values,
refer to the User’s manual.
tsu(S-R) = tsu(A-R) = Tsu(A-R) × tc(Base) - 15 [ns]
tw(R) = Tw(R) × tc(Base) - 10 [ns]
tsu(S-W) = tsu(A-W) = Tsu(A-W) × tc(Base) - 15 [ns]
tw(W) = tsu(D-W) = Tw(W) × tc(Base) - 10 [ns]
Table 5.34
External Bus Timing (separate bus)
Symbol
Characteristic
Measurement
Condition
Value
Unit
Min.
Max.
tsu(S-R)
Chip-select setup time before
read
Refer to
Figure 5.6
(1)
ns
th(R-S)
Chip-select hold time after read
tc(Base) - 10
ns
tsu(A-R)
Address setup time before read
(1)
ns
th(R-A)
Address hold time after read
tc(Base) - 10
ns
tw(R)
Read pulse width
(1)
ns
tsu(S-W)
Chip-select setup time before
write
(1)
ns
th(W-S)
Chip-select hold time after write
1.5 × tc(Base) - 10
ns
tsu(A-W)
Address setup time before write
(1)
ns
th(W-A)
Address hold time after write
1.5 × tc(Base) - 10
ns
tw(W)
Write pulse width
(1)
ns
tsu(D-W)
Data setup time before write
(1)
ns
th(W-D)
Data hold time after write
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com