| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5630ACDFP bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5630ACDFP bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 165 page ![]() R01DS0060EJ0100 Rev.1.00 Page 13 of 168 Sep 13, 2011 RX630 Group 1. Overview Interrupt NMI Input Non-maskable interrupt request signal. IRQ0 to IRQ15 Input Maskable interrupt request signals. Multi-function timer pulse unit 2 MTIOC0A, MTIOC0B MTIOC0C, MTIOC0D I/O The TGRA0 to TGRD0 input capture input/output compare output/ PWM output pins. MTIOC1A, MTIOC1B I/O The TGRA1 and TGRB1 input capture input/output compare output/ PWM output pins. MTIOC2A, MTIOC2B I/O The TGRA2 and TGRB2 input capture input/output compare output/ PWM output pins. MTIOC3A, MTIOC3B MTIOC3C, MTIOC3D I/O The TGRA3 to TGRD3 input capture input/output compare output/ PWM output pins. MTIOC4A, MTIOC4B MTIOC4C, MTIOC4D I/O The TGRA4 to TGRD4 input capture input/output compare output/ PWM output pins. MTIC5U, MTIC5V MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/dead time compensation input pins. MTCLKA, MTCLKB MTCLKC, MTCLKD Input Input pins for external clock signals. Port output enable 2 POE0# to POE3# POE8# Input Input pins for request signals to place the MTU large-current pins in the high impedance state. 16-bit timer pulse unit TIOCA0, TIOCB0 TIOCC0, TIOCD0 I/O The TGRA0 to TGRD0 input capture input/output compare output/ PWM output pins. TIOCA1, TIOCB1 I/O The TGRA1 and TGRB1 input capture input/output compare output/ PWM output pins. TIOCA2, TIOCB2 I/O The TGRA2 and TGRB2 input capture input/output compare output/ PWM output pins. TIOCA3, TIOCB3 TIOCC3, TIOCD3 I/O The TGRA3 to TGRD3 input capture input/output compare output/ PWM output pins. TIOCA4, TIOCB4 I/O The TGRA4 and TGRB4 input capture input/output compare output/ PWM output pins. TIOCA5, TIOCB5 I/O The TGRA5 and TGRB5 input capture input/output compare output/ PWM output pins. TCLKA, TCLKB TCLKC, TCLKD Input Input pins for external clock signals. TIOCA6, TIOCB6, TIOCC6, TIOCD6 I/O The TGRA6 to TGRD6 input capture input/output compare output/ PWM output pins. TIOCA7, TIOCB7 I/O The TGRA7 and TGRB7 input capture input/output compare output/ PWM output pins. TIOCA8, TIOCB8 I/O The TGRA8 and TGRB8 input capture input/output compare output/ PWM output pins. TIOCA9, TIOCB9, TIOCC9, TIOCD9 I/O The TGRA9 to TGRD9 input capture input/output compare output/ PWM output pins. TIOCA10, TIOCB10 I/O The TGRA10 and TGRB10 input capture input/output compare output/PWM output pins. TIOCA11, TIOCB11 I/O The TGRA11 and TGRB11 input capture input/output compare output/PWM output pins. TCLKE, TCLKF, TCLKG, TCLKH Input Input pins for external clock signals. Programmable pulse generator PO0 to PO31 Output Output pins for the pulse signals. 8-bit timer TMO0 to TMO3 Output Output pins for the compare match signals. TMCI0 to TMCI3 Input Input pins for the external clock signals that drive for the counters. TMRI0 to TMRI3 Input Input pins for the counter-reset signals. Table 1.4 Pin Functions (2/5) Classifications Pin Name I/O Description |