| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F2136CSNFA bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSNFA bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 61 page ![]() R8C/36T-A Group 3. Address Space R01DS0055EJ0100 Rev.1.00 Page 32 of 58 Dec 09, 2011 Notes: 1. The option function select area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not perform any additional writes to the option function select area. Erasing the block including the option function select area sets the option function select area to FFh. 2. The ID code area is allocated in the flash memory, not in the SFRs. Set appropriate values as ROM data by a program. Do not perform any additional writes to the ID code area. Erasing the block including the ID code area sets the ID code area to FFh. Table 3.17 ID code Area, Option Function Select Area Address Symbol Area Name After Reset Address size : 0FFDBh OFS2 Option Function Select Register 2 (Note 1) : 0FFDFh ID1 (Note 2) : 0FFE3h ID2 (Note 2) : 0FFEBh ID3 (Note 2) : 0FFEFh ID4 (Note 2) : 0FFF3h ID5 (Note 2) : 0FFF7h ID6 (Note 2) : 0FFFBh ID7 (Note 2) : 0FFFFh OFS Option Function Select Register (Note 1) |