công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS9307L2 bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện PS9307L2
Giải thích chi tiết về linh kiện  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307L2 bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  PS9307L2 Datasheet HTML 1Page - Renesas Technology Corp PS9307L2 Datasheet HTML 2Page - Renesas Technology Corp PS9307L2 Datasheet HTML 3Page - Renesas Technology Corp PS9307L2 Datasheet HTML 4Page - Renesas Technology Corp PS9307L2 Datasheet HTML 5Page - Renesas Technology Corp PS9307L2 Datasheet HTML 6Page - Renesas Technology Corp PS9307L2 Datasheet HTML 7Page - Renesas Technology Corp PS9307L2 Datasheet HTML 8Page - Renesas Technology Corp PS9307L2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS9307L,PS9307L2
Chapter Title
R08DS0046EJ0001 Rev.0.01
Page 5 of 12
Jan 25, 2012
ELECTRICAL CHARACTERISTICS (at RECOMMENDED OPERATING CONDITIONS,
VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.3
1.56
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Input Capacitance
CIN
f = 1 MHz, VF = 0 V
30
pF
Detector
High Level Output Current
IOH
VO = (VCC
− 4 V)
*2
0.2
A
VO = (VCC
− 10 V)
*3
0.4
0.7
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.2
A
VO = (VEE + 10 V)
*3
0.4
0.7
High Level Output Voltage
VOH
IF = 10 mA, IO = 100 mA
*4
VCC
− 3.0 VCC − 1.7
V
Low Level Output Voltage
VOL
IF = 0 mA, IO = 100 mA
0.4
1.0
V
High Level Supply Current
ICCH
IF = 10 mA, IO = 0 mA
1.2
2.0
mA
Low Level Supply Current
ICCL
IF = 0 mA, IO = 0 mA
1.3
2.0
mA
Coupled
Threshold Input Current
(L
→ H)
IFLH
IO = 0 mA, VO > 5 V
2.1
5.0
mA
Threshold Input Voltage
(H
→ L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Notes: *1. Typical values at TA = 25
°C, VCC − VEE = 30 V.
*2. Maximum pulse width = 50
μs, Maximum duty cycle = 0.2%.
*3. Maximum pulse width = 10
μs, Maximum duty cycle = 0.5%.
*4. VOH is measured with the DC load current in this testing.
SWITCHING CHARACTERISTICS (at RECOMMENDED OPERATING CONDITIONS,
VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Propagation Delay Time (L
→ H)
tPLH
Rg = 47
Ω, Cg = 3 nF,
40
75
175
ns
Propagation Delay Time (H
→ L)
tPHL
f = 50 kHz,
40
90
175
ns
Pulse Width Distortion (PWD)
|tPHL
−tPLH| Duty Cycle = 50%
*2,
90
ns
Propagation Delay Time
(Difference Between Any Two
Products)
tPHL
−tPLH IF = 10 mA, VCC = 30 V
−120
120
ns
Rise Time
tr
30
ns
Fall Time
tf
30
ns
Common Mode Transient
Immunity at High Level Output
|CMH|
TA = 25
°C, IF = 10 mA,
VCC = 30 V, VCM = 1.5 kV
50
kV/
μs
Common Mode Transient
Immunity at Low Level Output
|CML|
TA = 25
°C, IF = 0 mA,
VCC = 30 V, VCM = 1.5 kV
50
kV/
μs
Notes: *1. Typical values at TA = 25
°C, VCC−VEE = 30 V.
*2. This load condition is equivalent to the IGBT load at 1 200 V/25 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com